|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SDP86XX Optoschmitt Detector FEATURES * Side-looking plastic package * 55 (nominal) acceptance angle * Wide sensitivity ranges * TTL/LSTTL/CMOS compatible * Buffer (SDP8600/8601/8602) or inverting (SDP8610/8611/8612) logic available * Three different lead spacing arrangements * Mechanically and spectrally matched to SEP8506 and SEP8706 infrared emitting diodes INFRA--6.TIF DESCRIPTION The SDP86XX series is a family of single chip Optoschmitt IC detectors molded in a side-looking black plastic package to minimize the effect of visible ambient light. The photodetector consists of a photodiode, amplifier, voltage regulator, Schmitt trigger and an NPN output transistor with a 10 ki (nominal) pull-up resistor. Output rise and fall times are independent of the rate of change of incident light. Detector sensitivity has been internally temperature compensated. Flexibility of use is enhanced by a choice of three different lead configurations; in-line (SDP8601/8611), 0.05 in.(1.27 mm) offset pin circle (SDP8600/8610) and 0.10 in. (2.54 mm) offset center lead (SDP8602/8612). Device Polarity: Buffer - Output is HI when incident light intensity is above the turn- on threshold level. Inverter - Output is LO when incident light intensity is above the turn- on threshold level. OUTLINE DIMENSIONS in inches (mm) Tolerance 3 plc decimals 0.005(0.12) 2 plc decimals 0.020(0.51) DIM_028.cdr 200 h Honeywell reserves the right to make changes in order to improve design and supply the best products possible. SDP86XX Optoschmitt Detector ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL MIN TYP MAX UNITS TEST CONDITIONS ABSOLUTE MAXIMUM RATINGS (25C Free-Air Temperature unless otherwise noted) Supply Voltage Duration of Output Short to VUU or Ground Output Current Operating Temperature Range Storage Temperature Range Soldering Temperature (5 sec) Notes 1. Derate linearly from 25C to 5.5 V at 85C. SCHEMATIC 12 V [A] 1.0 sec 18 mA -40C to 85C -40C to 85C 240C Honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 201 SDP86XX Optoschmitt Detector SCHEMATIC SCH_024.cdr SWITCHING TIME TEST CIRCUIT cir_007.cdr SWITCHING WAVEFORM FOR BUFFERS cir_013.cdr SWITCHING WAVEFORM FOR INVERTERS cir_011.cdr Fig. 1 Responsivity vs Angular Displacement 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -60 -45 -30 -15 0 Fig. 2 gra_065.ds4 Threshold Irradiance vs Temperature gra_060.ds4 Relative irradiance Relative response 2.0 1.0 0.5 0.4 0.3 0.2 0.0 -40 -20 0 20 40 60 80 100 +15 +30 +45 +60 Angular displacement - degrees Temperature - C 202 h Honeywell reserves the right to make changes in order to improve design and supply the best products possible. SDP86XX Optoschmitt Detector Fig. 3 Output Rise Time (t) and Output Fall Time (t) vs Temperature 240 220 200 180 160 140 120 100 80 60 40 20 -40 Fig. 4 gra_061.ds4 Delay Time vs Temperature gra_062.ds4 4.2 Rise time (TR) & fall time (TF) - ns Propagation delay - s Symbol definition & test circuit per figures 3.8 3.4 3.0 2.6 2.2 1.8 1.4 0.0 -40 -20 0 20 40 60 80 100 TPLH Rise time TR Fall time TF -20 0 20 40 60 80 100 TPHL Temperature - C Fig. 5 Spectral Responsivity gra_050.ds4 Ambient temperature - C 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 600 700 800 900 1000 1100 1200 Relative response Wavelength - nm All Performance Curves Show Typical Values Honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 203 |
Price & Availability of SDP8600 |